Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 330 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 330 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 326Page - Renesas Technology Corp 7721 Datasheet HTML 327Page - Renesas Technology Corp 7721 Datasheet HTML 328Page - Renesas Technology Corp 7721 Datasheet HTML 329Page - Renesas Technology Corp 7721 Datasheet HTML 330Page - Renesas Technology Corp 7721 Datasheet HTML 331Page - Renesas Technology Corp 7721 Datasheet HTML 332Page - Renesas Technology Corp 7721 Datasheet HTML 333Page - Renesas Technology Corp 7721 Datasheet HTML 334Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 330 / 577 page
background image
DMA CONTROLLER
7721 Group User’s Manual
13-51
13.4 Operation
13.4.4 Cycle-steal transfer mode
When the transfer mode select bit = “1” and the edge sense/level sense select bit = “0,” this mode is
selected. (Refer to “Figures 13.2.6 and 13.2.8.”)
In this mode, all of the DMA request sources are available.
Figure 13.4.11 shows a transfer example in the cycle-steal transfer mode
1-transfer-unit data is transferred for each DMA request.
The BUS REQUEST signal is sampled basically at every completion of 1-unit transfer. (Refer to “Table
13.2.3.”) When a DRAM refresh request or Hold request is generated at this time, the right to use bus is
not returned to the CPU, and the request is accepted. When several DMA requests are generated, the
request of the channel which has the highest priority among them is accepted, and DMA transfer is
performed without returning the right to use bus to the CPU. When any request is not generated, the CPU
gains the right.
CPU DMA1
DRAM
refresh
CPU
CPU
DMA0
DMA1 DMA0
DMA1
DMA1
DMAREQ0
DMA0 request bit
DMA0 enable bit
DMAREQ1
DMA1 request bit
DMA1 enable bit
DRAM refresh request
Right to use bus
This example applies on the following conditions:
• Both of DMA0 and DMA1 request sources are external sources
• Channel priority level: Fixed (Channel 0 > Channel 1)
Fig. 13.4.11 Transfer example in cycle-steal transfer mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com