Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 327 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 327 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 323Page - Renesas Technology Corp 7721 Datasheet HTML 324Page - Renesas Technology Corp 7721 Datasheet HTML 325Page - Renesas Technology Corp 7721 Datasheet HTML 326Page - Renesas Technology Corp 7721 Datasheet HTML 327Page - Renesas Technology Corp 7721 Datasheet HTML 328Page - Renesas Technology Corp 7721 Datasheet HTML 329Page - Renesas Technology Corp 7721 Datasheet HTML 330Page - Renesas Technology Corp 7721 Datasheet HTML 331Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 327 / 577 page
background image
7721 Group User’s Manual
13-48
DMA CONTROLLER
13.4 Operation
13.4.3 Burst transfer mode
The burst transfer mode can operate in either edge sense or level sense mode.
(1)
Burst transfer mode (edge sense)
When the transfer mode select bit = “0” and the edge sense/level sense select bit = “0,” this mode
is selected. (Refer to “Figures 13.2.6 and 13.2.8.”)
In this mode, all of the DMA request sources are available.
Figure 13.4.8 shows a transfer example in the burst transfer mode (edge sense).
When once a DMA request is accepted in this mode, an entire batch of data is transferred: the right
to use bus is not returned to the CPU until the transfer is complete.
During a burst transfer, any DMA request (including that of other channels) cannot be accepted.
However, the BUS REQUEST signal is sampled basically at every completion of 1-unit transfer.
(Refer to “Table 13.2.3.”) When a DRAM refresh request or Hold request is generated at this time,
the right to use bus is not returned to the CPU, and the request is accepted.
When the transfer of an entire batch of data is complete, the DMAC relinquishes the right to use bus
to the CPU. When the next DMA request is generated, the right is once returned to the CPU to
sample the DMA request.
(2)
Burst transfer mode (level sense)
When the transfer mode select bit = “0” and the edge sense/level sense select bit = “1 ,” this mode
is selected. (Refer to “Figures 13.2.6 and 13.2.8.”)
In this mode, only the external source is used as a DMA request source. Set the DMA request source
select bits to “00012.” (Refer to “Figure 13.2.8.”)
Figure 13.4.9 shows a transfer example in the burst transfer mode (level sense).
_________
When the DMAREQi pin’s input level = “L,” the DMAi request bit is cleared to “0”; when this pin’s input
level = “L,” the DMAi request bit is set to “1.”
_________
Therefore, when the DMAREQi pin’s input level is “L” with the DMAi enable bit = “1,” a DMA transfer
_________
starts. When the DMAREQi pin’s input level goes from “L” to “H,” the right to use bus will be returned
_________
to the CPU at completion of 1-unit transfer under execution at that time. When the DMAREQi pin’s
input level goes “L” again, the DMA transfer restarts at the next address.
Once a DMAi transfer starts, any DMA request (including that of other channels) cannot be accepted,
_________
even if the DMAREQi pin’s input level is “H,” until the transfer is terminated normally or forcibly.
However, the BUS REQUEST signal is sampled basically at every completion of 1-unit transfer.
(Refer to “Table 13.2.3.”) When a DRAM refresh request or Hold request is generated at this time,
the right to use bus is not returned to the CPU, and the request is accepted.
When the transfer of an entire batch of data is complete, the DMAC relinquishes the right to the CPU.
If the next DMA request is generated, the right is once returned to the CPU to sample the DMA
request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com