Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 326 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 326 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 322Page - Renesas Technology Corp 7721 Datasheet HTML 323Page - Renesas Technology Corp 7721 Datasheet HTML 324Page - Renesas Technology Corp 7721 Datasheet HTML 325Page - Renesas Technology Corp 7721 Datasheet HTML 326Page - Renesas Technology Corp 7721 Datasheet HTML 327Page - Renesas Technology Corp 7721 Datasheet HTML 328Page - Renesas Technology Corp 7721 Datasheet HTML 329Page - Renesas Technology Corp 7721 Datasheet HTML 330Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 326 / 577 page
background image
DMA CONTROLLER
7721 Group User’s Manual
13-47
13.4 Operation
[Precautions for 1-bus cycle transfer]
1. The area that overlaps with internal RAM and SFRs must not be assigned to an external memory.
When the contents in the overlapped area are read, the data of internal RAM or SFRs and that of external
memory are simultaneously placed on the data bus; and they collide with each other.
2. For the system that transfers data with 16-bit external data bus width from an external memory to an
8-bit I/O, the external memory must be composed to be read in a unit of 8 bits.
If the external memory cannot be read in a unit of 8 bits, the data read from the external memory at data
copy collides with the copied data on the data bus.
3. Under the following conditions, 1-bus cycle transfer cannot be performed. (Refer to “Table 13.4.5.”):
q External data bus width = 16 bits, Transfer unit = 16 bits, Address direction of memory = Fixed or
Forward, Data’s start address of memory = Odd
q External data bus width = 16 bits, Transfer unit = 16 bits, Address direction of memory = Backward,
Data’s start address of memory = Even
q External data bus width = 16 bits, Transfer unit = 16 bits, Target memory of DMA transfer = DRAM
area, Address direction of memory = Backward, Data’s start address of memory = Odd
q External data bus width = 8 bits, Transfer unit = 16 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com