Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 322 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 322 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 318Page - Renesas Technology Corp 7721 Datasheet HTML 319Page - Renesas Technology Corp 7721 Datasheet HTML 320Page - Renesas Technology Corp 7721 Datasheet HTML 321Page - Renesas Technology Corp 7721 Datasheet HTML 322Page - Renesas Technology Corp 7721 Datasheet HTML 323Page - Renesas Technology Corp 7721 Datasheet HTML 324Page - Renesas Technology Corp 7721 Datasheet HTML 325Page - Renesas Technology Corp 7721 Datasheet HTML 326Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 322 / 577 page
background image
DMA CONTROLLER
7721 Group User’s Manual
13-43
13.4 Operation
External data
bus width
I/O
connection
Transfer
unit
Read/Write address
of memory
Data flow
16 bits
Data bus
D0–D7
and
D8–D15
Even address
and
Odd address
Even address
M37721
Memory
I/O
I/O
Data bus D8–D15
Data bus D0–D7
M37721
I/O
M37721
I/O
M37721
M37721
(Note)
Note: Data is copied from data bus D0–D7 to D8–D15 or from data bus D8–D15 to
D0–D7 in the M37721’s DMAC. Note the data copy delay time td(data).
M37721
16 bits
16 bits
8 bits
Memory
Memory
Memory
Data bus D8–D15
Data bus D0–D7
Data bus D8–D15
Data bus D0–D7
Odd address
I/O
Memory
Memory
16 bits
8 bits
Data bus
D0–D7
Data bus
D8–D15
Even address
Odd address
(Note)
Memory
Memory
I/O
Data bus D8–D15
Data bus D0–D7
Note: Data is copied from data bus D0–D7 to D8–D15 or from data bus D8–D15 to
D0–D7 in the M37721’s DMAC. Note the data copy delay time td(data).
Data bus D8–D15
Data bus D0–D7
Memory
Memory
8 bits
8 bits
Data bus
D0–D7
Data bus D0–D7
I/O
Memory
Even address
and
Odd address
Note: When the memory is the internal memory or SFR, the above case for external data bus width = 16 bits
applies.
Table 13.4.6 Data flows on data bus in 1-bus cycle transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com