| Electronic Components Datasheet Search |
|
7721 Datasheet(PDF) 323 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7721 Datasheet(HTML) 323 Page - Renesas Technology Corp |
|
323 / 577 page ![]() 7721 Group User’s Manual 13-44 DMA CONTROLLER 13.4 Operation External data bus width I/O connection Transfer unit Read/Write address of memory Output of address bus, data bus, and bus control signals 16 bits 16 bits Data bus D0–D7 and D8–D15 Data bus D8–D15 8 bits Even address and Odd address : When the memory is the internal memory or SFR, data is output. When the memory is the external memory, it enters a floating state. A8/D8–A15/D15 A16/D0–A23/D7 BLE BHE L L Transfer source address Odd address data A8/D8–A15/D15 A16/D0–A23/D7 BLE BHE H L Invalid data BLE BHE H L Odd address data Copy BLE BHE H L BLE BHE H L Data H E R/W Transferred from memory to I/O L L L H L Invalid data H L I/O data H L H L Transferred from I/O to memory 16 bits Transfer source address Even address data Transfer destination address Transfer destination address 16 bits 8 bits Data bus D0–D7 Even address Odd address Transfer source address Transfer source address Even address data Transfer destination address Transfer destination address A8/D8–A15/D15 A16/D0–A23/D7 Transfer source address Transfer source address Transfer destination address Transfer destination address Copy Transfer destination address Transfer destination address Copy I/O data A8/D8–A15/D15 A16/D0–A23/D7 Transfer source address Transfer source address Copy Even address data Even address Odd address A8/D8–A15/D15 A16/D0–A23/D7 Transfer source address Transfer source address Odd address data Invalid data Invalid data Transfer destination address Transfer destination address 8 bits 8 bits Data bus D0–D7 Even address and Odd address A8–A15 A16/D0–A23/D7 Transfer source address Transfer source address Transfer destination address Transfer destination address Table 13.4.7 Outputs of address bus, data bus, and bus control signals in 1-bus cycle transfer |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |