Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 340 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 340 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 336Page - Renesas Technology Corp 7721 Datasheet HTML 337Page - Renesas Technology Corp 7721 Datasheet HTML 338Page - Renesas Technology Corp 7721 Datasheet HTML 339Page - Renesas Technology Corp 7721 Datasheet HTML 340Page - Renesas Technology Corp 7721 Datasheet HTML 341Page - Renesas Technology Corp 7721 Datasheet HTML 342Page - Renesas Technology Corp 7721 Datasheet HTML 343Page - Renesas Technology Corp 7721 Datasheet HTML 344Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 340 / 577 page
background image
13-61
DMA CONTROLLER
13.6 Repeat transfer mode
7721 Group User’s Manual
13.6 Repeat transfer mode
This mode is used to transfer one block of data repeatedly. Table 13.6.1 lists the specifications of the repeat
transfer mode, and Figure 13.6.1 shows the register structures of SARi, DARi, and TCRi in this mode.
Table 13.6.1 Specifications of repeat transfer mode
Item
Transfer parameter memory
Condition of normal termination
Conditions of forced termination
Interrupt request generation timing
Functions of registers
Performance specifications
Not required
— (No normal termination)
___
q Falling edge of the TC pin’s input from “H” to “L”
___
(when the TC pin validity bit = “1”)
q Write “0” to the DMAi enable bit
No request is generated.
SARi latch: Indicates the transfer start address of data block at the
transfer source.
SARi: Indicates the address of the next transfer source.
DARi latch: Indicates the transfer start address of data block at the
transfer destination.
DARi: Indicates the address of the next transfer destination.
TCRi latch: Indicates the number of transfer bytes.
TCRi: Indicates the number of remaining bytes being transferred.
___
TC
pin validity bit: Bit 1 at address 6816



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com