Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 361 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 361 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 357Page - Renesas Technology Corp 7721 Datasheet HTML 358Page - Renesas Technology Corp 7721 Datasheet HTML 359Page - Renesas Technology Corp 7721 Datasheet HTML 360Page - Renesas Technology Corp 7721 Datasheet HTML 361Page - Renesas Technology Corp 7721 Datasheet HTML 362Page - Renesas Technology Corp 7721 Datasheet HTML 363Page - Renesas Technology Corp 7721 Datasheet HTML 364Page - Renesas Technology Corp 7721 Datasheet HTML 365Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 361 / 577 page
background image
DMA CONTROLLER
13-82
13.8 Link array chain transfer mode
7721 Group User’s Manual
13.8.1 Transfer parameter memory in link array chain transfer mode
The transfer parameters required for each transfer method are described below. These parameters can be
located in separate memory locations, in a unit of one block’s parameters. However, these parameters
must be located starting at an even address.
Figure 13.8.2 shows a transfer parameter memory map in the link array chain transfer mode.
(1)
In 2-bus cycle transfer
All of the following transfer parameters are required for each block of data; that is, a transfer
parameter memory consumes 16 bytes for each block.
• Transfer source’s transfer start address (24 bits) + Dummy data (8 bits)
• Transfer destination’s transfer start address (24 bits) + Dummy data (8 bits)
• Transfer data’s byte number (24 bits) + Dummy data (8 bits)
• Start address of next transfer parameter memory (24 bits) (Note) + Dummy data (8 bits)
(2)
In 1-bus cycle transfer from memory to I/O
All of the following transfer parameters are required for each block of data; that is, a transfer
parameter memory consumes 12 bytes for each block.
• Transfer source’s transfer start address (24 bits) + Dummy data (8 bits)
• Transfer data’s byte number (24 bits) + Dummy data (8 bits)
• Start address of next transfer parameter memory (24 bits) (Note) + Dummy data (8 bits)
(3)
In 1-bus cycle transfer from I/O to memory
All of the following transfer parameters are required for each block of data; that is, a transfer
parameter memory consumes 12 bytes for each block.
• Transfer destination’s transfer start address (24 bits) + Dummy data (8 bits)
• Transfer data’s byte number (24 bits) + Dummy data (8 bits)
• Start address of next transfer parameter memory (24 bits) (Note) + Dummy data (8 bits)
Note: For the last block of data, write “00000016” as the start address of the next transfer parameter
memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com