Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 363 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 363 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 359Page - Renesas Technology Corp 7721 Datasheet HTML 360Page - Renesas Technology Corp 7721 Datasheet HTML 361Page - Renesas Technology Corp 7721 Datasheet HTML 362Page - Renesas Technology Corp 7721 Datasheet HTML 363Page - Renesas Technology Corp 7721 Datasheet HTML 364Page - Renesas Technology Corp 7721 Datasheet HTML 365Page - Renesas Technology Corp 7721 Datasheet HTML 366Page - Renesas Technology Corp 7721 Datasheet HTML 367Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 363 / 577 page
background image
DMA CONTROLLER
13-84
13.8 Link array chain transfer mode
7721 Group User’s Manual
13.8.2 Setting of link array chain transfer mode
Figures 13.8.3 through 13.8.5 show an initial setting example for registers relevant to the link array chain
transfer mode.
In addition, when timer A, timer B, UART, or the A-D converter is selected as a DMA request source, the
setting for the peripheral is required. For details of the setting, refer to the chapter of each peripheral
function.
When a DMAi interrupt is used, the setting for enabling the interrupt is also required. For details, refer to
“CHAPTER 7. INTERRUPTS.”
Fig. 13.8.3 Initial setting example for registers relevant to link array chain transfer mode (1)
When external DMA source is selected
When internal DMA source is selected
Setting interrupt priority level
b7
b0
DMAi interrupt control register (i = 0 to 3)
(Addresses 6C16 to 6F16)
Interrupt priority level select bits
When using interrupts, set these bits to one of
levels 1 to 7.
When disabling interrupts, set these bits to
level 0.
Continue to “Figure 13.8.4” on next page.
b7
b0
Port P9 direction register (Address 1516)
Setting port P9 direction register
DMAREQ0 pin
DMAREQ1 pin
DMAREQ2 pin
Clear the corresponding bit to “0.”
DMAREQ3 pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com