Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 366 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 366 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 362Page - Renesas Technology Corp 7721 Datasheet HTML 363Page - Renesas Technology Corp 7721 Datasheet HTML 364Page - Renesas Technology Corp 7721 Datasheet HTML 365Page - Renesas Technology Corp 7721 Datasheet HTML 366Page - Renesas Technology Corp 7721 Datasheet HTML 367Page - Renesas Technology Corp 7721 Datasheet HTML 368Page - Renesas Technology Corp 7721 Datasheet HTML 369Page - Renesas Technology Corp 7721 Datasheet HTML 370Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 366 / 577 page
background image
DMA CONTROLLER
13.8 Link array chain transfer mode
13-87
7721 Group User‘s Manual
13.8.3 Operation in link array chain transfer mode
Figure 13.8.6 shows the operation flowchart of the link array chain transfer mode, and Figures 13.8.7 and
13.8.8 show timing diagrams of the link array chain transfer mode (burst transfer mode). In addition, Figure
13.8.9 shows the conditions necessary for timings shown in Figures 13.8.7, 13.8.8, and 13.8.10 through
13.8.14.
For the cycle-steal transfer mode, refer to the following:
• Transfer of transfer parameters in an array state: Figures 13.8.10 and 13.8.11
• All transfers except for that in an array state and except for the last 1-unit transfer of each block: Figure
13.8.12
• Last 1-unit transfer of each block except for the last block: Figure 13.8.13
• Last 1-unit transfer of the last block: Figure 13.8.14
The processing performed in the link array chain transfer mode consists of an array state and a transfer
state.
(1)
Array state
In an array state, transfer parameters are read from the transfer parameter memory in a unit of 2
bytes and transferred to registers SARi, DARi, and TCRi and their latches. As shown in Figure
13.8.2, a transfer parameter consists of 4 bytes (24 bits of data + 8 bits of dummy data).
One bus cycle always consumes 3 cycles of
φ.
_________
During an array state, the DMAACKi pin outputs “H” level.
For the bus request sampling in an array state, refer to section “13.2.1 Bus access control circuit.”
(2)
Transfer state
Data is transferred in a transfer state.
For the bus request sampling in a transfer state, refer to section “13.2.1 Bus access control
circuit.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com