Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 365 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 365 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 361Page - Renesas Technology Corp 7721 Datasheet HTML 362Page - Renesas Technology Corp 7721 Datasheet HTML 363Page - Renesas Technology Corp 7721 Datasheet HTML 364Page - Renesas Technology Corp 7721 Datasheet HTML 365Page - Renesas Technology Corp 7721 Datasheet HTML 366Page - Renesas Technology Corp 7721 Datasheet HTML 367Page - Renesas Technology Corp 7721 Datasheet HTML 368Page - Renesas Technology Corp 7721 Datasheet HTML 369Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 365 / 577 page
background image
DMA CONTROLLER
13-86
13.8 Link array chain transfer mode
7721 Group User’s Manual
Fig. 13.8.5 Initial setting example for registers relevant to link array chain transfer mode (3)
DMA transfer starts
b7
b0
Selection of priority level and TC pin, and setting DMAi request bit to “0”
TC
pin validity bit
0 : Invalid
(P103 pin functions as a programmable I/O port.)
1 : Valid
(P103 pin functions as TC pin.)
b7
b0
00
0 0
0 : No request
b7
b0
Inputting DMA request
signal to DMAREQi pin
When selecting external
DMA source
From preceding “Figure 13.8.4”
Priority select bit
0 : Fixed
1 : Rotating
DMAC control register L (Address 6816)
DMA0 request bit
DMA1 request bit
DMA2 request bit
DMA3 request bit
Software DMAi request bit
(Valid in software DMA source selected)
Bit 0 : Channel 0
Bit 1 : Channel 1
Bit 2 : Channel 2
Bit 3 : Channel 3
0 : Disabled
1 : Enabled
DMAC control register H (Address 6916)
DMA0 enable bit
DMA1 enable bit
DMA2 enable bit
DMA3 enable bit
When selecting internal
DMA source
When selecting internal DMA
source except software
Interrupt request of
each peripheral
function occurs
DMAC control register H (Address 6916)
Software DMA0 request bit
Software DMA1 request bit
Software DMA2 request bit
Software DMA3 request bit
0 : No request
1 : Requested
When selecting software
DMA request
When writing “1,” DMA request is generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com