Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 426 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 426 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 422Page - Renesas Technology Corp 7721 Datasheet HTML 423Page - Renesas Technology Corp 7721 Datasheet HTML 424Page - Renesas Technology Corp 7721 Datasheet HTML 425Page - Renesas Technology Corp 7721 Datasheet HTML 426Page - Renesas Technology Corp 7721 Datasheet HTML 427Page - Renesas Technology Corp 7721 Datasheet HTML 428Page - Renesas Technology Corp 7721 Datasheet HTML 429Page - Renesas Technology Corp 7721 Datasheet HTML 430Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 426 / 577 page
background image
APPLICATION
7721 Group User’s Manual
16–23
16.1 Memory connection
WE, WO
th(E-DLQ/DHQ) = 18 (min.)
(Unit : ns)
<When writing>
E
A1–A7
S
AA
tw(EL) = 135 (min.)
AC32(tPLH)
AC573(tPHL)+AC139(tPHL)
tsu (D)VV
≥ 30
td(AL-E) = 15 (min.)
A8/D8–A15/D15
A16/D0–A18/D2
D3–D7
A
A
AC32(tPHL)
D
td (E-DLQ/DHQ) = 35 (max.)
V: Specifications of M5M28F102AFP-10
V V: Specifications of M5M5256DP-70LL
The others are specifications of M37721.
E
A1–A7
CE, S
External memory
data output
OE
A8/D8–A15/D15
A16/D0–A18/D2
D3–D7
<When reading>
AA
D
tw(EL) = 135 (min.)
tsu(DL/DH-E)
≥ 30
ta(OE)VV
tsu(A-DL/DH) = 130 (max.)
ta(AD)VV+AC573(tPHL/tPLH)
tDFV/tdis(OE)VV = 15 (max.)
(Guaranteed as kit.)
AC32(tPLH)
AC573(tPHL/tPLH)+AC139(tPHL)
td(AL-E) = 15 (min.)
tpzx(E-DLZ/DHZ) = 20 (min.)
AA
ta(CE)V, ta(S)VV
AC32(tPHL)
V
V
Fig. 16.1.19 Timing chart for example of flash memory and SRAM connection (maximum model)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com