Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 425 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 425 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 421Page - Renesas Technology Corp 7721 Datasheet HTML 422Page - Renesas Technology Corp 7721 Datasheet HTML 423Page - Renesas Technology Corp 7721 Datasheet HTML 424Page - Renesas Technology Corp 7721 Datasheet HTML 425Page - Renesas Technology Corp 7721 Datasheet HTML 426Page - Renesas Technology Corp 7721 Datasheet HTML 427Page - Renesas Technology Corp 7721 Datasheet HTML 428Page - Renesas Technology Corp 7721 Datasheet HTML 429Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 425 / 577 page
background image
APPLICATION
7721 Group User’s Manual
16–22
16.1 Memory connection
(2)
Example of flash memory and SRAM connection (maximum model)
SFR area
Internal RAM area
External ROM area
(M5M28F102AFP)
000016
008016
048016
1FC016
200016
1FFFF16
Memory map
External RAM area
(M5M5256DP ! 2)
2000016
2FFFF16
Circuit condition : Software Wait
M37721
A1–A7
BYTE
ALE
A8/D8–A15/D15
E
R/W
BHE
BLE
XIN
XOUT
A16/D0–A18/D2
Address bus
Data bus (odd)
RD
WE
WO
DQ
E
E
DQ
AC573
AC573
AC04
V3
A
Y0
B
Y1
AC139
A0–A14
M5M5256DP-70LL
DQ1–DQ8
S
OE
A0–A14
M5M5256DP-70LL
DQ1–DQ8
S
A0–A15
M5M28F102AFP
-10
D0–D15
CE
OE
WE
AC32
V4
AC32
V5
D3–D7
V1
A8–A16
A1–A15
D8–D15
A1–A15
D0–D7
A1–A16
D0–D15
A18
A17
25 MHz
V1
V2
W
OE
W
SFR area
External ROM area
(M5M28F102AFP)
V1, V2: Make sure that the sum of propagation delay time is within 30 ns.
V3, V4: Make sure that the sum of propagation delay time is within 20 ns.
V5: Make sure that the propagation delay time is within 5 ns.
Data bus (even)
Fig. 16.1.18 Example of flash memory and SRAM connection (maximum model)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com