Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 421 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 421 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 417Page - Renesas Technology Corp 7721 Datasheet HTML 418Page - Renesas Technology Corp 7721 Datasheet HTML 419Page - Renesas Technology Corp 7721 Datasheet HTML 420Page - Renesas Technology Corp 7721 Datasheet HTML 421Page - Renesas Technology Corp 7721 Datasheet HTML 422Page - Renesas Technology Corp 7721 Datasheet HTML 423Page - Renesas Technology Corp 7721 Datasheet HTML 424Page - Renesas Technology Corp 7721 Datasheet HTML 425Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 421 / 577 page
background image
APPLICATION
7721 Group User’s Manual
16–18
16.1 Memory connection
M37721
CNVss
A0–A7
BYTE
ALE
A8/D8–A15/D15
E
R/W
BHE
BLE
XIN
XOUT
A16/D0–A23/D7
Address bus
AB
DIR OC
AB
DIR OC
AC245
DQ
LE OE
AC573
DQ
LE OE
AC573
RD
WO
WE
AC32
AC04
AC32
25 MHz
1D 1Q
1T
2D
2T 2Q
AC04
AC74
1
1
AC245
Data bus (even)
Data bus (odd)
V2
V2
These circuits make the occurrence of the
write signal’s rising edge earlier by 1/2 1
,
so that the write hold time is extended.
Circuit condition : Software Wait
V1: Make sure that the propagation delay time is within 20 ns.
V2: Make sure that the output disable time is within 20 ns.
V1
Fig. 16.1.14 Example for using bus buffers (2) (connecting with memory requiring long data hold time
for writing)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com