Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 419 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 419 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 415Page - Renesas Technology Corp 7721 Datasheet HTML 416Page - Renesas Technology Corp 7721 Datasheet HTML 417Page - Renesas Technology Corp 7721 Datasheet HTML 418Page - Renesas Technology Corp 7721 Datasheet HTML 419Page - Renesas Technology Corp 7721 Datasheet HTML 420Page - Renesas Technology Corp 7721 Datasheet HTML 421Page - Renesas Technology Corp 7721 Datasheet HTML 422Page - Renesas Technology Corp 7721 Datasheet HTML 423Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 419 / 577 page
background image
APPLICATION
7721 Group User’s Manual
16–16
16.1 Memory connection
M37721
CNVss
A0–A7
BYTE
ALE
A8/D8–A15/D15
E
R/W
BHE
BLE
XIN
XOUT
A16/D0–A23/D7
RD
WO
WE
DQ
LE OE
DQ
LE OE
AB
DIR OC
AB
DIR OC
AC245
AC245
AC573
AC573
AC32
AC04
AC32
25 MHz
Data bus (odd)
Address bus
Data bus (even)
V2
V2
V3
V1
V4
Circuit condition: Software Wait
V1: Make sure that the propagation delay time is within 20 ns.
V2, V3: Make sure that the sum of output disable time in V2 and propagation delay
time in V3 is within 20 ns.
V4: Make sure that the propagation delay time is within 15 ns.
Fig. 16.1.12 Example of using bus buffers (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com