Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 416 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 416 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 412Page - Renesas Technology Corp 7721 Datasheet HTML 413Page - Renesas Technology Corp 7721 Datasheet HTML 414Page - Renesas Technology Corp 7721 Datasheet HTML 415Page - Renesas Technology Corp 7721 Datasheet HTML 416Page - Renesas Technology Corp 7721 Datasheet HTML 417Page - Renesas Technology Corp 7721 Datasheet HTML 418Page - Renesas Technology Corp 7721 Datasheet HTML 419Page - Renesas Technology Corp 7721 Datasheet HTML 420Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 416 / 577 page
background image
APPLICATION
7721 Group User’s Manual
16–13
16.1 Memory connection
M37721
A8–A23
(D0–D15)
A0–A7
RDY
E
1
Address
decode
circuit
D
CK
Q
AC74
AC32
AC32
Data bus
CS1
CS2
Address bus
AC04
1
Validate Ready function
only for areas accessed by
CS2.
Circuit conditions : f(XIN)
≤ 15.7 MHz, no software Wait
V1 to V3 : Make sure that the sum of
propagation delay time is within
15 ns.
V3 to V5 : Make sure that the sum of
propagation delay time is within
72 ns.
V5
V4
Ready request is accepted at A .
Termination request for Ready state is accepted
at B .
A , B : Judgement timing of RDY pin’s input
level
1
tc
td(E- 1)
1
E
CS2
Q
RDY
tsu(RDY- 1)
AC32(tPHL)
V
A
B
V3
V2
V1
Address
latch
circuit
: E (“L” level) stopped by Ready function
V The condition satisfy tsu(RDY– 1)
≥ 55 ns is tc
≥ 63.5 ns. (This applies when AC32’s
propagation delay time is within 8.5 ns.)
Accordingly, when f(XIN)
≤ 15.7 MHz, this
circuit example satisfies tsu(RDY– 1)
≥ 55 ns.
Fig. 16.1.9 Example of using Ready function (no software Wait)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com