Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 415 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 415 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 411Page - Renesas Technology Corp 7721 Datasheet HTML 412Page - Renesas Technology Corp 7721 Datasheet HTML 413Page - Renesas Technology Corp 7721 Datasheet HTML 414Page - Renesas Technology Corp 7721 Datasheet HTML 415Page - Renesas Technology Corp 7721 Datasheet HTML 416Page - Renesas Technology Corp 7721 Datasheet HTML 417Page - Renesas Technology Corp 7721 Datasheet HTML 418Page - Renesas Technology Corp 7721 Datasheet HTML 419Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 415 / 577 page
background image
APPLICATION
7721 Group User’s Manual
16–12
16.1 Memory connection
(3)
Precautions on memory connection
As described in Œ to Ž below, if specifications of the external memory do not match those of the
M37721, some considerations must be incorporated into circuit design:
Œ When using an external memory that requires a long access time
_
 When data is output from an external memory before falling edge of the E signal
Ž When using an external memory that outputs data for more than tpzx(E-DLZ/DHZ) after rising edge of
_
the E signal
Œ When using external memory that requires long access time
If the M37721’s tsu(DL/DH-E) cannot be satisfied because the external memory requires a long access
time, try to carry out the following:
q Lower f(XIN).
q Select “software Wait is inserted.” (Refer to section “3.2 Software Wait.”)
q Use Ready function. (Refer to section “3.3 Ready function.”)
Figure 16.1.9 shows an example of using Ready function (no software Wait). Figure 16.1.10 shows
an example of using Ready function (software Wait).
Ready function is valid for the internal areas, so that the circuits in Figures 16.1.9 and 16.1.10 use
___
___
the chip select signal (CS2) to specify areas where Ready function is valid. In these cases, the CS2
signal is externally generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com