Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 411 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 411 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 407Page - Renesas Technology Corp 7721 Datasheet HTML 408Page - Renesas Technology Corp 7721 Datasheet HTML 409Page - Renesas Technology Corp 7721 Datasheet HTML 410Page - Renesas Technology Corp 7721 Datasheet HTML 411Page - Renesas Technology Corp 7721 Datasheet HTML 412Page - Renesas Technology Corp 7721 Datasheet HTML 413Page - Renesas Technology Corp 7721 Datasheet HTML 414Page - Renesas Technology Corp 7721 Datasheet HTML 415Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 411 / 577 page
background image
APPLICATION
7721 Group User’s Manual
16–8
16.1 Memory connection
(2)
Timing for writing data
When writing data, the output data is stabilized when an interval of td(E-DLQ/DHQ) has passed after the
_
falling edge of the E signal. This data is continuously output until when an interval of th(E-DLQ/DHQ) has
_
passed after the rising edge of the E signal.
Data to be written to an external memory must satisfy the data set up time (tsu(D)) (for DRAM, the data
hold time (tDH)) of the external memory.
The following are described below:
•Timing for writing data to flash memory, SRAM, and DRAM
•Calculation formulas which are for tsu(D) and tDH to be satisfied
q Timing for writing data to flash memory and SRAM
tsu(D)
th(D)
Address
Data
E
W
External memory
chip select signals
CE, S
tw(EL)
th(E-DLQ/DHQ)
(The others are specifications of external memory.)
: Specifications of the M37721
V This applies when the external data bus has a width of 16 bits (BYTE = “L”).
td(E–DLQ/DHQ)
A8/D8–A15/D15
A16/D0–A23/D7
V
Address output and Data input
External memory
write signal
Address
Fig. 16.1.5 Timing for writing data to flash memory and SRAM
Data setup time : tsu(D)
≤ tw(EL) – td(E-DLQ/DHQ)
Table 16.1.4 lists the calculation formulas and values for each parameter in Figure 16.1.5, Figure
16.1.6 shows the relationship between tsu(D) and f(XIN).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com