Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 410 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 410 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 406Page - Renesas Technology Corp 7721 Datasheet HTML 407Page - Renesas Technology Corp 7721 Datasheet HTML 408Page - Renesas Technology Corp 7721 Datasheet HTML 409Page - Renesas Technology Corp 7721 Datasheet HTML 410Page - Renesas Technology Corp 7721 Datasheet HTML 411Page - Renesas Technology Corp 7721 Datasheet HTML 412Page - Renesas Technology Corp 7721 Datasheet HTML 413Page - Renesas Technology Corp 7721 Datasheet HTML 414Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 410 / 577 page
background image
APPLICATION
7721 Group User’s Manual
16–7
16.1 Memory connection
Table 16.1.3 Calculation formula and Value for each
parameter in Figure 16.1.3 (unit : ns)
Calculation formula and Value
tw(EL)
td(E-RASL)
td(E-CASL)
td(E-CA)
tpzx(E-DLZ)
tpzx(E-DHZ)
tsu(DL-E)
tsu(DH-E)
1 ! 109
f(XIN)
30
4 ! 109
f(XIN)
– 25
30
+ 37.5
1 ! 109
f(XIN)
+ 25
1 ! 109
f(XIN)
– 20
Note: When accessing DRAM, Wait is always inserted
regardless of the contents of the Wait bit,
source’s Wait bit, and destination’s Wait bit.
Fig. 16.1.4 Relationship between tCAC, tRAC, tAA and f(XIN)
7
8
9
10
11
12
137.5
13
14
15
16
17
18
19
20
21
22
23
24
25
0
50
100
150
200
250
300
350
400
450
500
451
380
324
280
243
213
187
165
146
130
115
102
90
80
70
61
53
46
40
486
415
359
315
278
248
222
181
165
150
137
125
115
105
96
88
81
75
335.5
282.5
240.5
207.5
179.5
157.5
94.5
83.5 73.5
64.5 57.5
49.5
43.5 37.5 32.5
27.5
Column address access time :
tAA
RAS access time
:
tRAC
CAS access time
:
tCAC
[ns]
External clock input frequency f(XIN)
[MHz]
107.5
121.5
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com