Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 406 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 406 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 402Page - Renesas Technology Corp 7721 Datasheet HTML 403Page - Renesas Technology Corp 7721 Datasheet HTML 404Page - Renesas Technology Corp 7721 Datasheet HTML 405Page - Renesas Technology Corp 7721 Datasheet HTML 406Page - Renesas Technology Corp 7721 Datasheet HTML 407Page - Renesas Technology Corp 7721 Datasheet HTML 408Page - Renesas Technology Corp 7721 Datasheet HTML 409Page - Renesas Technology Corp 7721 Datasheet HTML 410Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 406 / 577 page
background image
APPLICATION
7721 Group User’s Manual
16–3
16.1 Memory connection
Table 16.1.1 Memory connection model
BYTE
BYTE
M37721
BYTE
M37721
BYTE
M37721
A0–A15
16
D0–D7
8
A0–A15
E
D0–D15
8
16
16
DQ
A0–A15+n
D0–D7
8
16+n
E
n
DQ
Latch
E
A0–A15+n
D0–D15
8
16
n
16+n
DQ
E
DQ
A0–A7
ALE
BHE
M37721
ALE
ALE
BHE
8-bit width;
BYTE = “H”
Notes 1: Refer to “CHAPTER 3. CONNECTION WITH EXTERNAL DEVICES” for details about the functions and
operations of used pins when connecting a memory. Refer to section “Appendix 11. Electrical characteristics”
for timing requirements.
2: Because the address bus can be expanded up to 24 bits when connecting a memory, strengthen the
M37721’s Vss and Vcc lines on the system. (Refer to section “Appendix 8. Countermeasure against noise.”)
External data
bus width
16-bit width;
BYTE = “L”
Access space
Maximum 64 Kbytes
Maximum 16 Mbytes
Memory connection model
Minimum model
Latch
Memory connection model
Medium model B
Memory connection model
Medium model A
Latch
Latch
Memory connection model
Maximum model
A8–A15
A16/D0–A23/D7
A0–A7
A8–A15
A16/D0–A23/D7
A0–A7
A8/D8–A15/D15
A16/D0–A23/D7
BLE
A0–A7
A8/D8–A15/D15
A16/D0–A23/D7
BLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com