Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 402 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 402 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 398Page - Renesas Technology Corp 7721 Datasheet HTML 399Page - Renesas Technology Corp 7721 Datasheet HTML 400Page - Renesas Technology Corp 7721 Datasheet HTML 401Page - Renesas Technology Corp 7721 Datasheet HTML 402Page - Renesas Technology Corp 7721 Datasheet HTML 403Page - Renesas Technology Corp 7721 Datasheet HTML 404Page - Renesas Technology Corp 7721 Datasheet HTML 405Page - Renesas Technology Corp 7721 Datasheet HTML 406Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 402 / 577 page
background image
WATCHDOG TIMER
7721 Group User’s Manual
15–7
15.3 Precautions for Watchdog timer
15.3 Precautions for Watchdog timer
1. When dummy data is written to address 6016 with the 16-bit data length, writing to address 6116 is
simultaneously performed. Accordingly, when the user does not want to change a value of the watchdog
timer frequency select bit (bit 0 at address 6116), write the previous value to the bit simultaneously with
writing to address 6016.
2. When the STP instruction is executed, Watchdog timer stops. (Refer to section “5.3 Stop mode.”)
3. Watchdog timer stops during DRAM refresh, hold state, and DMAC operation. (For Watchdog timer’s
structure, refer to “Figure 15.1.1.”) Accordingly, when a bus request is changed in the period which is
shorter than 1 cycle of the count source (Note), Watchdog timer’s count may gain. (Refer to “Figure
15.3.1.”)
Note: f32 or f512, which is selected by the watchdog timer frequency select bit
Fig. 15.3.1 Count source for Watchdog timer
f32 or f512
Bus request
Count source which is actually
counted by Watchdog timer
In case the bus request is
changed in a period which is
shorter than 1 cycle of f32 or f512



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com