Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 400 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 400 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 396Page - Renesas Technology Corp 7721 Datasheet HTML 397Page - Renesas Technology Corp 7721 Datasheet HTML 398Page - Renesas Technology Corp 7721 Datasheet HTML 399Page - Renesas Technology Corp 7721 Datasheet HTML 400Page - Renesas Technology Corp 7721 Datasheet HTML 401Page - Renesas Technology Corp 7721 Datasheet HTML 402Page - Renesas Technology Corp 7721 Datasheet HTML 403Page - Renesas Technology Corp 7721 Datasheet HTML 404Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 400 / 577 page
background image
WATCHDOG TIMER
7721 Group User’s Manual
15–5
Write dummy data to the watchdog timer register (address 6016) before the most significant bit of Watchdog
timer becomes “0.” When Watchdog timer is used to detect a program runaway, a watchdog timer interrupt
request occurs if writing to address 6016 is not performed owing to a program runaway and the most
significant bit of Watchdog timer becomes “0.” This means that a program runaway has occurred.
In order to reset the microcomputer when a program runaway is detected, write “1” to the software reset
bit (bit 3 at address 5E16) in the watchdog timer interrupt routine.
15.2 Operation description
RTI
Main routine
Watchdog timer interrupt routine
Watchdog timer register
(Address 6016)
8-bit dummy data
Watchdog timer
interrupt request occur
(program runaway detected)
Watchdog timer initialized
Value of watchdog timer :
“FFF16” (Note 1)
Software reset bit
(Address 5E16, b3)
“1” (Note 2)
Reset microcomputer
Notes 1: Initialize Watchdog timer before the most significant bit of Watchdog timer
becomes “0.” (Write dummy data to address 6016 before a watchdog timer
interrupt request occurs).
2: When a program runaway occurs, values of the data bank register (DT), direct
page register (DPR), etc., may be changed. When “1” is written to the software
reset bit by the addressing mode using DT, DPR, etc., set values to DT and
DPR again.
Fig. 15.2.1 Example of program runaway detection by Watchdog timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com