Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 398 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 398 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 394Page - Renesas Technology Corp 7721 Datasheet HTML 395Page - Renesas Technology Corp 7721 Datasheet HTML 396Page - Renesas Technology Corp 7721 Datasheet HTML 397Page - Renesas Technology Corp 7721 Datasheet HTML 398Page - Renesas Technology Corp 7721 Datasheet HTML 399Page - Renesas Technology Corp 7721 Datasheet HTML 400Page - Renesas Technology Corp 7721 Datasheet HTML 401Page - Renesas Technology Corp 7721 Datasheet HTML 402Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 398 / 577 page
background image
WATCHDOG TIMER
7721 Group User’s Manual
15–3
15.1.1 Watchdog timer
Watchdog timer is a 12-bit counter where the count source which is selected with the watchdog timer
frequency select bit (bit 0 at address 6116) is counted down. A value “FFF16” is automatically set in
Watchdog timer in the cases listed below. An arbitrary value cannot be set to Watchdog timer.
q When dummy data is written to the watchdog timer register (Refer to “Figure 15.1.2.”)
q When the most significant bit of Watchdog timer becomes “0”
q When the STP instruction is executed (Refer to section “5.3 Stop mode.”)
q At reset
15.1 Block description
Fig. 15.1.2 Structure of watchdog timer register
15.1.2 Watchdog timer frequency select register
This is used to select a Watchdog timer’s count source. Figure 15.1.3 shows the structure of the watchdog
timer frequency select register.
Fig. 15.1.3 Structure of watchdog timer frequency select register
b7
b0
Watchdog timer register (Address 6016)
Bit
Initializes Watchdog timer.
When dummy data is written to this register, Watchdog
timer’s value is initialized to “FFF16.” (Dummy data: 0016 to FF16)
At reset
Undefined
RW
Functions
7 to 0
–
0 : f512
1 : f32
At reset
Undefined
0
RW
Functions
b7
b6
b5
b4
b3
b2
b1
b0
Watchdog timer frequency select register (Address 6116)
Bit
Nothing is assigned.
Watchdog timer frequency select
bit
Bit name
0
7 to 1
RW
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com