Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 394 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 394 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 390Page - Renesas Technology Corp 7721 Datasheet HTML 391Page - Renesas Technology Corp 7721 Datasheet HTML 392Page - Renesas Technology Corp 7721 Datasheet HTML 393Page - Renesas Technology Corp 7721 Datasheet HTML 394Page - Renesas Technology Corp 7721 Datasheet HTML 395Page - Renesas Technology Corp 7721 Datasheet HTML 396Page - Renesas Technology Corp 7721 Datasheet HTML 397Page - Renesas Technology Corp 7721 Datasheet HTML 398Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 394 / 577 page
background image
14-11
7721 Group User’s Manual
DRAM CONTROLLER
14.4 DRAMC operation
Fig. 14.4.2 Refresh delay time example when CPU is operating
E
R/W
Refresh request
Bus request (DRAMC)
Bus request sampling
ST1,ST0
11 (CPU)
00 (Refresh)
Refresh cycle
Delay time (Max.): 6.5 cycles of
00
Refresh cycle
Transition of right to use bus
The following are internal signals:
•Refresh request
•Bus request (DRAMC)
•Bus request sampling
Refresh request becomes “0” at an underflow of the refresh timer.
Delay time (Min.):
1.5 cycles of
Transition of right to use bus
Transition of right to use bus Transition of right to use bus
10 (DMAC)
00 (Refresh)
Refresh cycle
Delay time (Max.): 12.5 cycles of
E
R/W
Refresh request
Bus request (DRAMC)
Bus request sampling
ST1,ST0
The following are internal signals:
•Refresh request
•Bus request (DRAMC)
•Bus request sampling
Refresh request becomes “0” at an underflow of the refresh timer.
Transition of right to use bus
Fig. 14.4.3 Refresh delay time example during DMA transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com