| Electronic Components Datasheet Search |
|
7721 Datasheet(PDF) 393 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7721 Datasheet(HTML) 393 Page - Renesas Technology Corp |
|
393 / 577 page ![]() 14-10 7721 Group User’s Manual DRAM CONTROLLER DMAC CPU 14.4.2 Refresh request When the DRAM validity bit is set to “1,” the refresh timer starts counting down. The count source is f16. When the contents of the refresh timer reach “0016,” a refresh request occurs. The refresh timer reloads the contents of address 6616 and continues counting. Refresh requests are sampled as bus requests (DRAMC) by using the bus access controller. As soon as a refresh request is acknowledged by sampling, the following is performed because DRAM refresh has the highest priority in using the bus. However, when the CPU or DMAC uses the bus, no bus request is sampled until the CPU or DMAC releases the bus. Therefore, in a period from when a refresh request occurs until DRAM refresh is performed, the delay listed in Table 14.4.1 occurs depending on the refresh request generating timing. Figures 14.4.2 and 14.4.3 show refresh delay time examples when CPU is operating and during DMA transfer. For a bus request, refer to “13.2.1 Bus access control circuit.” When the refresh request is accepted, the right to use the bus is passed to DRAM refresh (1 cycle of φ). Both of the output levels of ST1 and ST0 are “L.” (The bus status is indicated as [0, 0].) ____ ____ The RAS and the CAS signals are output and the DRAM data is refreshed (refresh cycle: 3 cycles of φ). The right to use the bus is passed to the CPU, DRAM or Hold (1 cycle of φ). The outputs of ST1 and ST0 change. Note: In Stop or Wait mode, DRAM refresh is not performed because no refresh request occurs. Table 14.4.1 Delay time from when refresh request occurs until DRAM refresh is performed 14.4 DRAMC operation Hold Maximum (with Wait) Maximum (no Wait) Minimum 1.5 1.5 1.5 4.5 8.5 11.5 6.5 1.5 6.5 12.5 15.5 6.5 1.5 Source of using bus Array state Transfer (a unit of 1 transfer) Transfer (a unit of 1 transfer) + Complete cycle Delay time (unit: φ cycle) Note: The above is applied when Ready is not used. The delay time includes the time for passing the right to use buses to DRAM refresh (1 cycle). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |