Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 391 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 391 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 387Page - Renesas Technology Corp 7721 Datasheet HTML 388Page - Renesas Technology Corp 7721 Datasheet HTML 389Page - Renesas Technology Corp 7721 Datasheet HTML 390Page - Renesas Technology Corp 7721 Datasheet HTML 391Page - Renesas Technology Corp 7721 Datasheet HTML 392Page - Renesas Technology Corp 7721 Datasheet HTML 393Page - Renesas Technology Corp 7721 Datasheet HTML 394Page - Renesas Technology Corp 7721 Datasheet HTML 395Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 391 / 577 page
background image
14-8
7721 Group User’s Manual
DRAM CONTROLLER
14.4 DRAMC operation
14.4 DRAMC operation
14.4.1 Waveform example of DRAM control signals
Figure 14.4.1 shows a waveform example of the DRAM control signals. When DRAM is accessed, the bus
__
cycle is always with “wait” (the low-level width of E is equivalent to 2 cycles of
φ). It is not affected by the
wait bit, the wait bit of the transfer source, and the wait bit of the transfer destination.
(1)
Read Cycle
____
____
In the read cycle, the CAS signal falls with a delay of 0.5 cycle of
φ after the RAS signal has changed
from “H” to “L.” The address bus signal changes from “row address” to “column address” within a
____
____
period from a fall of RAS until a fall of CAS.
Pins A16/D0–A23/D7 and A8/D8–A15/D15 output addresses and input data in the same way as in reading
external devices other than DRAM.
(2)
Write Cycle
____
____
In the write cycle, the CAS signal falls with a delay of 1 cycle of
φ after the RAS signal has changed
from “H” to “L.” The address bus signal changes “row address” to “column address” within a period
____
____
from a fall of RAS until a fall of CAS.
Pins A16/D0–A23/D7 and A8/D8–A15/D15 output addresses and data in the same way as in writing external
devices other than DRAM.
(3)
Refresh Cycle
____
____
In the refresh cycle, the RAS signal falls with a delay of 0.5 cycle of
φ after the CAS signal has
changed from “H” to “L.”
__
R/W is undefined.
One refresh request requires 5 cycle of
φ, including the time for passing the right to use buses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com