Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 388 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 388 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 384Page - Renesas Technology Corp 7721 Datasheet HTML 385Page - Renesas Technology Corp 7721 Datasheet HTML 386Page - Renesas Technology Corp 7721 Datasheet HTML 387Page - Renesas Technology Corp 7721 Datasheet HTML 388Page - Renesas Technology Corp 7721 Datasheet HTML 389Page - Renesas Technology Corp 7721 Datasheet HTML 390Page - Renesas Technology Corp 7721 Datasheet HTML 391Page - Renesas Technology Corp 7721 Datasheet HTML 392Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 388 / 577 page
background image
14-5
7721 Group User’s Manual
DRAM CONTROLLER
14.2 Block description
14.2.2 Refresh timer
The refresh timer is an 8-bit timer with a reload register and is used to generate refresh requests for DRAM
data. Assuming that the set value of the refresh timer = “n,” the refresh timer counts f16 (n + 1) times. Figure
14.2.4 shows the structure of the refresh timer, and the following formula gives the value to be written to
the refresh timer.
n = {m [
µs] !
} – 1
n: a set value of the refresh timer (n = 0116–FF16)
m: a refresh interval
Examples of “m”: an average of 15.625
µs for 512 refresh cycles at 8-ms intervals
an average of 125
µs for 512 refresh cycles at 64-ms intervals
Fig. 14.2.4 Structure of refresh timer
b7
b0
Refresh timer (Address 6616)
Functions
Bit
At reset
RW
7 to 0
These bits can be set to “0116” to “FF16.”
Assuming that the set value = n, this register divides f16 by
(n + 1).
Undefined
WO
Note: Use the LDM or STA instruction for writing to this register.
Do not set this register to “0016.”
f(XIN)
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com