| Electronic Components Datasheet Search |
|
7721 Datasheet(PDF) 389 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7721 Datasheet(HTML) 389 Page - Renesas Technology Corp |
|
389 / 577 page ![]() 14-6 7721 Group User’s Manual DRAM CONTROLLER Row address Column address Row address Column address 14.2 Block description 14.2.3 Address comparator The address comparator examines whether the address to be accessed is within the DRAM area. When ____ ____ this address is within DRAM area, control signals are sent to the RAS and CAS generating circuit and the address multiplexer. ____ ____ 14.2.4 RAS and CAS generating circuit ____ ____ The RAS signal (a timing signal to latch a row address) and the CAS signal (a timing signal to latch a column address) are generated by a control signal from the address comparator. 14.2.5 Address multiplexer Address data is time-shared by the control signal from the address comparator and is output to the MA0– MA9 pins. The time-sharing method depends on the external bus width. Table 14.2.2 lists the time-sharing method for the address at DRAM access. When the 8-bit external bus width is selected, A0–A19 are time- shared and are output; when the 16-bit external bus width is selected, A1–A20 are time-shared and are output. Table 14.2.2 Time-sharing method for address at DRAM access Pin name P107/MA9 A1/MA1 A2/MA2 A3/MA3 A4/MA4 A5/MA5 A7/MA7 P106/MA8 A0/MA0 A1 A9 A1 A9 A2 A10 A2 A10 A3 A11 A3 A11 A4 A12 A4 A12 A5 A13 A5 A13 A6 A14 A6 A14 A7 A15 A7 A15 A16 A17 A18 A17 A18 A19 A20 A19 8-bit external bus width 16-bit external bus width A0 A8 A16 A8 A6/MA6 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |