| Electronic Components Datasheet Search |
|
7721 Datasheet(PDF) 401 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7721 Datasheet(HTML) 401 Page - Renesas Technology Corp |
|
401 / 577 page ![]() WATCHDOG TIMER 7721 Group User’s Manual 15–6 15.2.2 Stop period Watchdog timer stops operation in the following period: Hold state (Refer to section “3.4 Hold function.”) During DMAC operation (Refer to “CHAPTER 13. DMA CONTROLLER.”) During DRAM refresh (Refer to “CHAPTER 14. DRAM CONTROLLER.”) Stop mode When states to are terminated, Watchdog timer restarts counting from the state before it stops operation. For Watchdog timer’s operation when state is terminated, refer to section “15.2.3 Operation in Stop mode.” 15.2.3 Operation in Stop mode In Stop mode, Watchdog timer stops operation. Immediately after Stop mode is terminated, Watchdog timer operates as follows. (Refer to section “5.3 Stop mode.”) (1) When Stop mode is terminated by hardware reset Supply of φ and φCPU starts immediately after Stop mode is terminated, and the microcomputer performs “operation after reset.” (Refer to “CHAPTER 4. RESET.”) The watchdog timer frequency select bit becomes “0,” and Watchdog timer starts counting of f512 from “FFF16.” (2) When Stop mode is terminated by interrupt request occurrence Immediately after Stop mode is terminated, Watchdog timer starts counting of f32 from “FFF16” regardless of the contents of watchdog timer frequency select bit (bit 0 at address 6116). Supply of φ and φCPU starts when Watchdog timer’s most significant bit becomes “0.” (At this time, a watchdog timer interrupt request does not occur.) When supply of φCPU starts, the microcomputer executes the routine of the interrupt which is used to terminate Stop mode. Watchdog timer restarts counting of the count source (f32 or f512), which was counted immediately before executing the STP instruction, from “FFF16.” 15.2 Operation description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |