Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 399 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 399 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 395Page - Renesas Technology Corp 7721 Datasheet HTML 396Page - Renesas Technology Corp 7721 Datasheet HTML 397Page - Renesas Technology Corp 7721 Datasheet HTML 398Page - Renesas Technology Corp 7721 Datasheet HTML 399Page - Renesas Technology Corp 7721 Datasheet HTML 400Page - Renesas Technology Corp 7721 Datasheet HTML 401Page - Renesas Technology Corp 7721 Datasheet HTML 402Page - Renesas Technology Corp 7721 Datasheet HTML 403Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 399 / 577 page
background image
WATCHDOG TIMER
7721 Group User’s Manual
15–4
15.2 Operation description
15.2 Operation description
15.2.1 Basic operation
Œ Watchdog timer starts counting down from “FFF16.”
 When the Watchdog timer’s most significant bit becomes “0” (counted 2048 times), a watchdog timer
interrupt request occurs. (Refer to “Table 15.2.1.”)
Ž When the interrupt request occurs at above , a value “FFF16” is set to Watchdog timer.
The watchdog timer interrupt is a non-maskable interrupt. When the watchdog timer interrupt request is
accepted, the processor interrupt priority level (IPL) is set to “1112.”
Table 15.2.1 Occurrence interval of watchdog timer interrupt
request
f(XIN) = 25 MHz
Occurrence interval
41.94 ms
2.62 ms
Count source
f512
f32
Watchdog timer
frequency select bit
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com