Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 409 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 409 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 405Page - Renesas Technology Corp 7721 Datasheet HTML 406Page - Renesas Technology Corp 7721 Datasheet HTML 407Page - Renesas Technology Corp 7721 Datasheet HTML 408Page - Renesas Technology Corp 7721 Datasheet HTML 409Page - Renesas Technology Corp 7721 Datasheet HTML 410Page - Renesas Technology Corp 7721 Datasheet HTML 411Page - Renesas Technology Corp 7721 Datasheet HTML 412Page - Renesas Technology Corp 7721 Datasheet HTML 413Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 409 / 577 page
background image
APPLICATION
7721 Group User’s Manual
16–6
16.1 Memory connection
q Timing for reading data from DRAM
Fig. 16.1.3 Timing for reading data from DRAM
____
CAS access time : tCAC
≤ tw(EL) – td(E-CASL) – tsu(DL/DH-E)
____
RAS access time : tRAC
≤ tw(EL) – td(E-RASL) – tsu(DL/DH-E)
Column address access time : tAA
≤ tw(EL) – td(E-CA) – tsu(DL/DH-E)
___
OE access time : tOEA
≤ tw(EL) – tsu(DL/DH-E)
Table 16.1.3 lists the calculation formula and value for each parameter in Figure 16.1.3. Figure
16.1.4 shows the relationship between tCAC, tRAC, tAA and f(XIN).
tw(EL)
td(E-RASL)
td(E-CA)
Address
tOEA
tRAC
tCLZ
tCAC
tOEZ V2
td(E-CASL)
Row address
Column address
E
RAS
CAS
Address output
(MA0–MA7)
Address output and Data I/O
tAA
tsu(DL/DH-E)
A8/D8–A15/D15
A16/D0–A23/D7
V1
DRAM data output
Data
: Specifications of the M37721
(The others are specifications of DRAM.)
V1 This applies when the external data bus has a width of 16 bits (BYTE = “L”).
V2 If one of DRAM’s specifications is greater than tpzx(E–DLZ/DHZ) , there is a possibility that
the tail of data collides with the head of address.
→ Refer to section “(3) Precautions on
memory connection.”
Note: tpzx(E-DLZ/DHZ) : tpzx(E-DLZ) or tpzx(E-DHZ)
tsu(DL/DH-E) : tsu(DL-E) or tsu(DH-E)
OE
DRAM output enable signal
(Read signal)
tpzx(E–DLZ/DHZ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com