Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 417 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 417 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 413Page - Renesas Technology Corp 7721 Datasheet HTML 414Page - Renesas Technology Corp 7721 Datasheet HTML 415Page - Renesas Technology Corp 7721 Datasheet HTML 416Page - Renesas Technology Corp 7721 Datasheet HTML 417Page - Renesas Technology Corp 7721 Datasheet HTML 418Page - Renesas Technology Corp 7721 Datasheet HTML 419Page - Renesas Technology Corp 7721 Datasheet HTML 420Page - Renesas Technology Corp 7721 Datasheet HTML 421Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 417 / 577 page
background image
APPLICATION
7721 Group User’s Manual
16–14
16.1 Memory connection
Fig. 16.1.10 Example of using Ready function (software Wait)
M37721
1D
1CK
1Q
AC74
AC32
AC32
AC04
2D
2CK
2Q
CLR
AC04
1
1
E
CS2
2Q
RDY
tsu(RDY- 1)
AC04 + AC74 + AC32’s
propagation delay time
th( 1-RDY)
1Q
A
B
A8–A23
(D0–D15)
A0–A7
RDY
E
1
Address
decode
circuit
Address
latch
circuit
Data bus
CS1
CS2
Address bus
Validate Ready function
only for areas accessed by
CS2.
V1 to V3 : Make sure that the sum of
propagation delay time is within 25
ns.
Circuit conditions : f(XIN)
≤ 25 MHz, software Wait
V3
V2
V1
Ready request is accepted at A .
Termination request for Ready state is accepted at B .
A , B : Judgement timing of RDY pin’s input level
: E (“L” level) stopped by Ready function
: E (“L” level) stopped by software Wait



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com