Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 423 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 423 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 419Page - Renesas Technology Corp 7721 Datasheet HTML 420Page - Renesas Technology Corp 7721 Datasheet HTML 421Page - Renesas Technology Corp 7721 Datasheet HTML 422Page - Renesas Technology Corp 7721 Datasheet HTML 423Page - Renesas Technology Corp 7721 Datasheet HTML 424Page - Renesas Technology Corp 7721 Datasheet HTML 425Page - Renesas Technology Corp 7721 Datasheet HTML 426Page - Renesas Technology Corp 7721 Datasheet HTML 427Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 423 / 577 page
background image
APPLICATION
7721 Group User’s Manual
16–20
16.1 Memory connection
16.1.3 Example of memory connection
Examples of the flash memory, SRAM, and DRAM connection and the timing charts are described as
follows.
(1)
Example of flash memory connection (minimum model)
M37721
A0–A15
BYTE
AC04
D0–D7
BHE
BLE
E
R/W
Address bus A0–A15
Data bus D0–D7
A0–A15
D0–D7
WE
CE
OE
M5M28F101AFP-10
000016
008016
048016
1FC016
200016
FFFF16
XIN
XOUT
25 MHz
Open
Open
V: Make sure that the propagation delay
time is within 25 ns.
V
SFR area
Internal RAM area
External ROM area
(M5M28F101AFP)
Memory map
SFR area
External ROM area
(M5M28F101AFP)
Circuit condition : Software Wait
Fig. 16.1.16 Example of flash memory connection (minimum model)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com