Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 435 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 435 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 431Page - Renesas Technology Corp 7721 Datasheet HTML 432Page - Renesas Technology Corp 7721 Datasheet HTML 433Page - Renesas Technology Corp 7721 Datasheet HTML 434Page - Renesas Technology Corp 7721 Datasheet HTML 435Page - Renesas Technology Corp 7721 Datasheet HTML 436Page - Renesas Technology Corp 7721 Datasheet HTML 437Page - Renesas Technology Corp 7721 Datasheet HTML 438Page - Renesas Technology Corp 7721 Datasheet HTML 439Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 435 / 577 page
background image
APPLICATION
7721 Group User’s Manual
16–32
16.1 Memory connection
(7)
Example of DRAM connection (external bus width = 16 bits) 
00000016
00008016
00047F16
001FC016
001FFF16
F0000016
FFFFFF16
F7FFFF16
M5M44170CJ-7
MA0
MA1
MA2
MA3
MA4
MA5
MA6
MA7
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
RAS
CAS
OE
M37721
XIN
XOUT
25 MHz
RAS
CAS
E
A16/D0
A17/D1
A18/D2
A19/D3
A20/D4
A21/D5
A22/D6
A23/D7
ALE
A8/D8
A9/D9
A10/D10
A11/D11
A12/D12
A13/D13
A14/D14
A15/D15
D0
D1
D2
D3
D4
D5
D6
D7
V2
AC573
LE
8
AC32
WL
WH
Q2
Q1
BYTE
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
DQ16
LW
UW
BLE
BHE
R/W
V1
D0
D1
D2
D3
D4
D5
D6
D7
OE
SFR area
Internal
RAM area
DRAM area
(M5M44170CJ)
SFR area
Not used
Not used
Memory map
Not used
Circuit condition : DRAM area select bits (bits 3 to 0 at address 6416) = “00012”
V1 : Make sure that the
propagation delay time is
within 40 ns.
V2 : Make sure that the
propagation delay time is
within 15 ns.
Fig. 16.1.28 Example of M5M44170CJ (256K ! 16 bits) connection (external bus width = 16 bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com