Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 439 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 439 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 435Page - Renesas Technology Corp 7721 Datasheet HTML 436Page - Renesas Technology Corp 7721 Datasheet HTML 437Page - Renesas Technology Corp 7721 Datasheet HTML 438Page - Renesas Technology Corp 7721 Datasheet HTML 439Page - Renesas Technology Corp 7721 Datasheet HTML 440Page - Renesas Technology Corp 7721 Datasheet HTML 441Page - Renesas Technology Corp 7721 Datasheet HTML 442Page - Renesas Technology Corp 7721 Datasheet HTML 443Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 439 / 577 page
background image
APPLICATION
7721 Group User’s Manual
16–36
16.1 Memory connection
(9)
Example of DRAM connection (external bus width = 16 bits) 
00000016
00008016
00047F16
001FC016
001FFF16
E0000016
FFFFFF16
M5M44400CJ-7
MA0
MA1
MA2
MA3
MA4
MA5
MA6
MA7
MA8
MA9
RAS
CAS
E
R/W
BLE
A16/D0
A17/D1
A18/D2
A19/D3
A20/D4
A21/D5
A22/D6
A23/D7
A8/D8
A9/D9
A10/D10
A11/D11
A12/D12
A13/D13
A14/D14
A15/D15
M37721
AC32
WL
WH
BHE
XIN
XOUT
25 MHz
BYTE
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
RAS
CAS
OE
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
RAS
CAS
OE
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
RAS
CAS
OE
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
RAS
CAS
OE
V
SFR area
Internal
RAM area
DRAM area
(M5M4400CJ
! 4)
V : Make sure that the propagation
delay time is within 40 ns.
SFR area
Not used
Not used
Memory map
Circuit condition : DRAM area select bits (bits 3 to 0 at address 6416) = “0010 2”
Fig. 16.1.32 Example of M5M44400CJ (1M ! 4 bits) connection (external bus width = 16 bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com