Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 443 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 443 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 439Page - Renesas Technology Corp 7721 Datasheet HTML 440Page - Renesas Technology Corp 7721 Datasheet HTML 441Page - Renesas Technology Corp 7721 Datasheet HTML 442Page - Renesas Technology Corp 7721 Datasheet HTML 443Page - Renesas Technology Corp 7721 Datasheet HTML 444Page - Renesas Technology Corp 7721 Datasheet HTML 445Page - Renesas Technology Corp 7721 Datasheet HTML 446Page - Renesas Technology Corp 7721 Datasheet HTML 447Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 443 / 577 page
background image
APPLICATION
7721 Group User’s Manual
16–40
16.1 Memory connection
16.1.4 Example of I/O expansion
(1)
Example of port expansion circuit using M66010FP
Figure 16.1.36 shows an example of a port expansion circuit using the M66010FP. Make sure that
the frequency of Serial I/O transfer clock must be 1.923 MHz or less.
About Serial I/O control in this expansion example is described below.
In this example, 8-bit data transmission/reception is performed 3 times by using UART0, so that 24-
bit port expansion is realized. Setting of UART0 is described below:
q Clock synchronous serial I/O mode: Transmission/Reception enable state
q Internal clock is selected. Transfer clock frequency is 1.66 MHz.
q LSB first
The control procedure is described below:
Œ Output “L” level from port P45. (Expanded I/O ports of the M66010FP enter a floating state by this
signal. )
 Output “H” level from port P45.
Ž Output “L” level from port P44.
 Transmit/Receive 24-bit data by using UART0.
 Output “H” level from port P44.
Figure 16.1.37 shows the serial transfer timing between the M37721 and the M66010FP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com