Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 446 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 446 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 442Page - Renesas Technology Corp 7721 Datasheet HTML 443Page - Renesas Technology Corp 7721 Datasheet HTML 444Page - Renesas Technology Corp 7721 Datasheet HTML 445Page - Renesas Technology Corp 7721 Datasheet HTML 446Page - Renesas Technology Corp 7721 Datasheet HTML 447Page - Renesas Technology Corp 7721 Datasheet HTML 448Page - Renesas Technology Corp 7721 Datasheet HTML 449Page - Renesas Technology Corp 7721 Datasheet HTML 450Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 446 / 577 page
background image
APPLICATION
7721 Group User’s Manual
16–43
16.2 Examples of using DMA controller
16.2 Examples of using DMA controller
16.2.1 Example of Centronics interface configuration
The following is an example of Centronics interface configurated by using DMA0, Timers A2 and A3.
(1)
Specifications
•Octal latch’s contents are transferred to the data buffer (RAM) by using DMA0. The trigger is the
____
STB signal. (Refer to “Figure 16.2.1.”)
____
•“L” level width of the ACK signal is generated by using Timer A2; one-shot pulse mode; the trigger
_________
is the rising edge of the DMAACK0 signal. (Refer to “Figure 16.2.2.”)
____
•Timer A3 generates the time from when the ACK signal rises until the BUSY signal falls; one-shot
_________
pulse mode; the trigger is the rising edge of the DMAACK0 signal. (Refer to “Figure 16.2.2.”)
•P43 is used for BUSY signal generation. When outputting “H” level, the next transfer can wait. In that
case, the contents of the preceding transfer are hold in the octal latch.
•When the data buffer is filled (in other words, DMA transfer is completed), a DMA interrupt occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com