Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 449 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 449 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 445Page - Renesas Technology Corp 7721 Datasheet HTML 446Page - Renesas Technology Corp 7721 Datasheet HTML 447Page - Renesas Technology Corp 7721 Datasheet HTML 448Page - Renesas Technology Corp 7721 Datasheet HTML 449Page - Renesas Technology Corp 7721 Datasheet HTML 450Page - Renesas Technology Corp 7721 Datasheet HTML 451Page - Renesas Technology Corp 7721 Datasheet HTML 452Page - Renesas Technology Corp 7721 Datasheet HTML 453Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 449 / 577 page
background image
APPLICATION
7721 Group User’s Manual
16–46
16.2 Examples of using DMA controller
Fig. 16.2.4 Initial setting example for relevant register (2)
Period from falling edge of ACK signal until falling edge of BUSY signal
(T3 in Figure 16.2.2)
Octal latch’s address
b23
b0
b16 b15
b8 b7
Data buffer’s start address
b23
b0
b16 b15
b8 b7
Transfer counter register 0 (Addresses 1FCA16 to 1FC816)
Data buffer size (unit : byte)
b23
b0
b16 b15
b8 b7
b7
b0
Timer A2 mode register (Address 5816)
One-shot pulse mode
Trigger : Rising edge of TA2IN pin’s input signal
Count source
11
0
01
1
b7
b0
11
0
01
1
ACK signal’s “L” level time (T2 in Figure 16.2.2)
b15
b0
b8 b7
b15
b0
b8 b7
Source address register 0 (Addresses 1FC216 to 1FC016)
Destination address register 0 (Addresses 1FC616 to 1FC416)
Timer A3 mode register (Address 5916)
One-shot pulse mode
Trigger : Rising edge of TA3IN pin’s input signal
Count source
Timer A2 register (Addresses 4B16, 4A16)
Timer A3 register (Addresses 4D16, 4C16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com