Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 453 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 453 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 449Page - Renesas Technology Corp 7721 Datasheet HTML 450Page - Renesas Technology Corp 7721 Datasheet HTML 451Page - Renesas Technology Corp 7721 Datasheet HTML 452Page - Renesas Technology Corp 7721 Datasheet HTML 453Page - Renesas Technology Corp 7721 Datasheet HTML 454Page - Renesas Technology Corp 7721 Datasheet HTML 455Page - Renesas Technology Corp 7721 Datasheet HTML 456Page - Renesas Technology Corp 7721 Datasheet HTML 457Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 453 / 577 page
background image
APPLICATION
7721 Group User’s Manual
16–50
16.2 Examples of using DMA controller
(2)
Initial setting example for relevant register
b7
b0
DMA1 mode register L (Address 1FDC16)
Transfer unit : 8 bits
2-bus cycle transfer
Cycle-steal transfer mode
Transfer source address direction : At regular turning ; “012” (Forward)
At reverse turning ; “102” (Backward)
Transfer destination address direction : Fixed
0
1
00
01
b7
b0
DMA1 mode register H (Address 1FDD16)
Transfer source Wait
No transfer destination Wait
Repeat transfer mode
0
011000
Source address register 1 (Addresses 1FD216 to 1FD016)
Phase output data table’s start address
b23
b0
b16 b15
b8 b7
Phase output data table’s data number
b23
b0
b16 b15
b8 b7
Pulse output data register 0’s address
b23
b0
b16 b15
b8 b7
0016
0016
1A16
b7
b0
DMA1 control register (Address 1FDE16)
DMA request source : Timer A0
DMAACK1 pin : Invalid
1
1
0
000
b7
b0
DMA1 interrupt control register (Address 6D16)
Interrupt disabled
000
!
Destination address register 1 (Addresses 1FD616 to 1FD416)
Transfer counter register 1 (Addresses 1FDA16 to 1FD816)
! : It may be “0” or “1.”
Fig. 16.2.8 Initial setting example for relevant register (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com