Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 456 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 456 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 452Page - Renesas Technology Corp 7721 Datasheet HTML 453Page - Renesas Technology Corp 7721 Datasheet HTML 454Page - Renesas Technology Corp 7721 Datasheet HTML 455Page - Renesas Technology Corp 7721 Datasheet HTML 456Page - Renesas Technology Corp 7721 Datasheet HTML 457Page - Renesas Technology Corp 7721 Datasheet HTML 458Page - Renesas Technology Corp 7721 Datasheet HTML 459Page - Renesas Technology Corp 7721 Datasheet HTML 460Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 456 / 577 page
background image
APPLICATION
7721 Group User’s Manual
16–53
16.2 Examples of using DMA controller
16.2.3 Example of dynamic lighting for LED
The following is an example of dynamic lighting for LED by using DMA3 and Timer B0.
(1)
Specifications
•The eight 7-segment LEDs are lighted up; port P6 outputs the segment data; port P7 outputs the
digit data. (Refer to “Figure 16.2.11.”)
•The display data and the segment data are transferred from the data buffer to the port P6 and P7
registers by DMA3.
•Digit switch interval is generated by Timer B0.
•16 bytes of RAM are used as the data buffer. 1-digit display data consists of 2 bytes; the digit data
is placed in the high-order byte; the segment data is placed in the low-order byte. (Refer to “Table
16.2.2.”)
When the digit data and segment data are “0,” the LED is lighted up (ON): when they are “1,” the
light goes out (OFF).
Assuming that the segment pattern is generated by another processing.
M37721
LED
driver
Data buffer
P67
P60
P77
P70
7-segment LED ! 8
LED
driver
Data buffer
Digit data
00000001
00000010
00000100
00001000
00010000
00100000
01000000
10000000
Segment pattern of the
contents to be displayed
in each digit
Segment pattern
Fig. 16.2.11 Example of dynamic lighting for LED
Table 16.2.2 Data buffer
Notes 1: This applies in the following:
•when the digit data is “0,” the light goes
out.
•when the digit data is “1,” the LED is lighted
up.
2: Assuming that the segment pattern is
generated by another processing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com