Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 459 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 459 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 455Page - Renesas Technology Corp 7721 Datasheet HTML 456Page - Renesas Technology Corp 7721 Datasheet HTML 457Page - Renesas Technology Corp 7721 Datasheet HTML 458Page - Renesas Technology Corp 7721 Datasheet HTML 459Page - Renesas Technology Corp 7721 Datasheet HTML 460Page - Renesas Technology Corp 7721 Datasheet HTML 461Page - Renesas Technology Corp 7721 Datasheet HTML 462Page - Renesas Technology Corp 7721 Datasheet HTML 463Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 459 / 577 page
background image
APPLICATION
7721 Group User’s Manual
16–56
16.3 Comparison of sample program execution rate
16.3 Comparison of sample program execution rate
Sample program execution rates are compared in this paragraph.
The execution time ratio depends on the program or the usage conditions.
16.3.1 Differences depending on data bus width and software Wait
Internal areas are always accessed with data bus of which width is 16 bits and no software Wait. In the
external areas, the external data bus width and software Wait are selectable. Table 16.3.1 lists the sample
program (Refer to “Figure 16.3.1.”) execution time ratio depending on these selection and usable memory
areas.
Table 16.3.1 Sample program execution time ratio (external data bus width and software Wait)
Sample program execution time ratio
Sample A
1.00
1.17
1.19
1.67
1.00
1.25
1.19
1.78
0.92
Sample B
1.00
1.10
1.08
1.46
1.00
1.17
1.13
1.65
0.90
External data bus
width (unit : bit)
16
8
16
8
Memory area
ROM
External
Internal
RAM
Internal
External
Software Wait
None
Inserted
None
Inserted
None
Inserted
None
Inserted
Calculated value V
Calculated value V : The value is calculated from the shortest execution cycle number of each instruction
described in “7700 Family Software Manual.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com