Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 461 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 461 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 457Page - Renesas Technology Corp 7721 Datasheet HTML 458Page - Renesas Technology Corp 7721 Datasheet HTML 459Page - Renesas Technology Corp 7721 Datasheet HTML 460Page - Renesas Technology Corp 7721 Datasheet HTML 461Page - Renesas Technology Corp 7721 Datasheet HTML 462Page - Renesas Technology Corp 7721 Datasheet HTML 463Page - Renesas Technology Corp 7721 Datasheet HTML 464Page - Renesas Technology Corp 7721 Datasheet HTML 465Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 461 / 577 page
background image
APPLICATION
7721 Group User’s Manual
16–58
16.3 Comparison of sample program execution rate
16.3.2 Comparison between software Wait (f(XIN) = 20 MHz) and software Wait + Ready (f(XIN) = 25 MHz)
Figure 16.3.3 shows the execution time ratio when sample programs in Figure 16.3.1 are executed on the
two conditions in Table 16.3.2. Figure 16.3.2 shows the memory assignment at execution rate comparison.
The execution time ratio depends on the program or the usage conditions.
Table 16.3.2 Comparison conditions
Fig. 16.3.2 Memory assignment at execution rate comparison
External SRAM
SFR area
Condition  Ready valid area
Insert Wait which is equivalent to 2 cycles
of
at access
(Software Wait included)
M37721 memory map
Internal SRAM
Program area
External EPROM
Area where software
Wait is valid
Specify either area as work area
Item
Processor mode
f(XIN)
External data bus width
Software Wait
Ready
Program area
Work area
Condition 
Microprocessor mode
25 MHz
16 bits
Inserted
Valid only for external EPROM area
External EPROM
Internal or External SRAM
Condition Œ
Microprocessor mode
20 MHz
16 bits
Inserted
Invalid
External EPROM
Internal or External SRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com