Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 465 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 465 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 461Page - Renesas Technology Corp 7721 Datasheet HTML 462Page - Renesas Technology Corp 7721 Datasheet HTML 463Page - Renesas Technology Corp 7721 Datasheet HTML 464Page - Renesas Technology Corp 7721 Datasheet HTML 465Page - Renesas Technology Corp 7721 Datasheet HTML 466Page - Renesas Technology Corp 7721 Datasheet HTML 467Page - Renesas Technology Corp 7721 Datasheet HTML 468Page - Renesas Technology Corp 7721 Datasheet HTML 469Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 465 / 577 page
background image
APPENDIX
Appendix 1. Memory assignment of 7721 Group
7721 Group User’s Manual
17–2
Appendix 1. Memory assignment of 7721 Group
Microprocessor mode
Fig. 1 Memory assignment (microprocessor mode)
SFR area
External area
Internal RAM area
(512 bytes) (Note 2)
External area
(Note 1)
00000216
SFR area
External area
00000916
00000016
00008016
001FC016
00FFFF16
00047F16
SFR area
External area
Bank
116
Bank
FF16
Bank
016
01000016
01FFFF16
FF000016
FFFFFF16
M37721S2BFP
00007F16
00027F16
Internal RAM area
(512 bytes)
(512 bytes)
001FFF16
SFR area
M37721S1BFP
SFR area
Case of internal RAM area
select bit = “0”
Case of internal RAM area
select bit = “1”
Notes 1: Interrupt vector table is assigned to
addresses FFCE16 to FFFF16.
Make sure to set a ROM to this
area.
2: For the M37721S1BFP, fix the
internal RAM area select bit to “0.”
(Note 1)
External area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com