Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 469 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 469 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 465Page - Renesas Technology Corp 7721 Datasheet HTML 466Page - Renesas Technology Corp 7721 Datasheet HTML 467Page - Renesas Technology Corp 7721 Datasheet HTML 468Page - Renesas Technology Corp 7721 Datasheet HTML 469Page - Renesas Technology Corp 7721 Datasheet HTML 470Page - Renesas Technology Corp 7721 Datasheet HTML 471Page - Renesas Technology Corp 7721 Datasheet HTML 472Page - Renesas Technology Corp 7721 Datasheet HTML 473Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 469 / 577 page
background image
APPENDIX
Appendix 2. Memory assignment in SFR area
7721 Group User’s Manual
17–6
UART1 receive interrupt control register
6016
6116
6216
6316
6416
6516
6616
6716
6816
6916
7016
7116
7216
7316
7416
7516
7616
7716
7816
7916
7A16
7B16
7C16
7D16
7E16
7F16
6B16
6C16
6D16
6E16
6F16
6A16
Address
A-D conversion interrupt control register
UART0 transmit interrupt control register
UART1 transmit interrupt control register
INT2 interrupt control register
Watchdog timer frequency select register
Register name
Watchdog timer register
Timer A0 interrupt control register
Timer A2 interrupt control register
Timer A3 interrupt control register
Timer A4 interrupt control register
Timer B1 interrupt control register
Timer B2 interrupt control register
INT0 interrupt control register
Access characteristics
RW
b7
b0
RW
State immediately after reset
0
?(Note 6)
b7
b0
UART0 receive interrupt control register
Timer A1 interrupt control register
Timer B0 interrupt control register
INT1 interrupt control register
0
0
00
0
By writing dummy data to address 6016, the value “FFF16” is set to the watchdog timer.
The dummy data is not retained anywhere.
The value “FFF16” is set to the watchdog timer. (Refer to “CHAPTER 15. WATCHDOG TIMER.”)
It is possible to read the bit state at reading. When writing “0” to this bit, this bit becomes “0.”
But when writing “1” to this bit, this bit does not change.
RW
Notes 5:
6:
7:
(Note 5)
?
?
?
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
0
00
0
?
0
00
0
?
0
00
0
?
0
00
0
?
0
00
0
?
0
00
0
?
0
00
0
?
0
00
0
?
0
00
0
?
0
00
0
?
0
00
0
?
0
00
0
0
00
0
0
00
0
0
0
0
0
0
0
?
?
?
?
?
?
?
?
?
0
00
Real-time output control register
Refresh timer
DM AC control register L
DM AC control register H
DMA0 interrupt control register
DMA1 interrupt control register
DMA2 interrupt control register
DMA3 interrupt control register
RW
0
0
0
0
0
0
0
0
RW
RW
DRAM control register
WO
RW
(Note 7)
RW
WO
RW
RW
RW
RW
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
??
0
0
00
0
?
?
0
00
0
?
0
00
0
?
0
00
0 : “0” immediately after reset.
1 : “1” immediately after reset.
? : Undefined immediately after
reset.
: Always “0” at reading.
0
0
: Always undefined at reading.
: “0” immediately after reset. Fix this bit to “0.”
: It is possible to read the bit state at reading. The written value becomes valid.
: It is possible to read the bit state at reading. The written value becomes invalid.
: The written value becomes valid. It is impossible to read the bit state.
: Nothing is assigned. It is impossible to read the bit state. The written value becomes invalid.
RW
RO
WO
?
0
: Always “1” at reading.
1
Access characteristics
State immediately after reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com