Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 470 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 470 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 466Page - Renesas Technology Corp 7721 Datasheet HTML 467Page - Renesas Technology Corp 7721 Datasheet HTML 468Page - Renesas Technology Corp 7721 Datasheet HTML 469Page - Renesas Technology Corp 7721 Datasheet HTML 470Page - Renesas Technology Corp 7721 Datasheet HTML 471Page - Renesas Technology Corp 7721 Datasheet HTML 472Page - Renesas Technology Corp 7721 Datasheet HTML 473Page - Renesas Technology Corp 7721 Datasheet HTML 474Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 470 / 577 page
background image
APPENDIX
7721 Group User’s Manual
17–7
Appendix 2. Memory assignment in SFR area
1FC016
1FC116
1FC216
1FC316
1FC416
1FC516
1FC616
1FC716
1FC816
1FC916
1FD016
1FD116
1FD216
1FD316
1FD416
1FD516
1FD616
1FD716
1FD816
1FD916
1FDA16
1FDB16
1FDC16
1FDD16
1FDE16
1FDF16
1FCB16
1FCC16
1FCD16
1FCE16
1FCF16
1FCA16
Address
Register name
Source address register 0
Access characteristics
b7
b0
State immediately after reset
b7
b0
RW
0
00
0
0
00
0
0
00
0
?
?
RW
RW
0
0
00
0
0
00
0
?
0
00
Destination address register 0
Transfer counter register 0
DMA0 mode register L
DMA0 mode register H
DMA0 control register
Source address register 1
Destination address register 1
Transfer counter register 1
DMA1 mode register L
DMA1 mode register H
DMA1 control register
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
?
?
?
?
?
?
?
?
?
?
0
0
00
0
0
0
0
00
??
?
?
?
?
?
?
?
?
?
?
?
?
?
0
00
0
0
00
0
0
0
??
0 : “0” immediately after reset.
1 : “1” immediately after reset.
? : Undefined immediately after
reset.
: Always “0” at reading.
0
0
: Always undefined at reading.
: “0” immediately after reset. Fix this bit to “0.”
: It is possible to read the bit state at reading. The written value becomes valid.
: It is possible to read the bit state at reading. The written value becomes invalid.
: The written value becomes valid. It is impossible to read the bit state.
: Nothing is assigned. It is impossible to read the bit state. The written value becomes invalid.
RW
RO
WO
?
0
: Always “1” at reading.
1
Access characteristics
State immediately after reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com