Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 472 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 472 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 468Page - Renesas Technology Corp 7721 Datasheet HTML 469Page - Renesas Technology Corp 7721 Datasheet HTML 470Page - Renesas Technology Corp 7721 Datasheet HTML 471Page - Renesas Technology Corp 7721 Datasheet HTML 472Page - Renesas Technology Corp 7721 Datasheet HTML 473Page - Renesas Technology Corp 7721 Datasheet HTML 474Page - Renesas Technology Corp 7721 Datasheet HTML 475Page - Renesas Technology Corp 7721 Datasheet HTML 476Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 472 / 577 page
background image
APPENDIX
Appendix 3. Control registers
7721 Group User’s Manual
17–9
Appendix 3. Control registers
The control registers allocated in the SFR area are shown on the following pages.
Below is the structure diagram for all registers.
0
1
0
XXX register (Address XX16)
b1
b0
b2
b3
b4
b5
b6
b7
0
V1
V2
V3
2
3
... select bit
0 : ...
1 : ...
... select bit
0 : ...
1 : ...
The value is “0” at reading.
0 : ...
1 : ...
Fix this bit to “0.”
4
7 to 5 Nothing is assigned.
!
RW
WO
RO
RW
RW
–
0
0
0
Bit
Bit name
This bit is invalid in ... mode.
Functions
At reset
RW
... flag
Undefined
Undefined
V1
Blank
: Set to “0” or “1” according to the usage.
0
: Set to “0” at writing.
1
: Set to “1” at writing.
!
: Invalid depending on the mode or state. It may be “0” or “1.”
: Nothing is assigned.
V2
0
: “0” immediately after reset.
1
: “1” immediately after reset.
Undefined
: Undefined immediately after reset.
V3
RW
: It is possible to read the bit state at reading. The written value becomes valid.
RO
Accordingly, the written
value may be “0” or “1.”
WO
: The written value becomes valid. It is impossible to read the bit state. The value is undefined at reading.
However, when [“0” is at reading”] is indicated in the “Function” or “Note” column, the bit is always “0” at
reading. (See V4 above.)
: It is impossible to read the bit state. The value is undefined at reading.
However, when [“0” is at reading”] is indicated in the “Function” or “Note” column, the bit is always “0” at
reading. (See V4 above.)
The written value becomes invalid. Accordingly, the written value may be “0” or “1.”
V4
: It is possible to read the bit state at reading. The written value becomes invalid.
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com