Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 473 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 473 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 469Page - Renesas Technology Corp 7721 Datasheet HTML 470Page - Renesas Technology Corp 7721 Datasheet HTML 471Page - Renesas Technology Corp 7721 Datasheet HTML 472Page - Renesas Technology Corp 7721 Datasheet HTML 473Page - Renesas Technology Corp 7721 Datasheet HTML 474Page - Renesas Technology Corp 7721 Datasheet HTML 475Page - Renesas Technology Corp 7721 Datasheet HTML 476Page - Renesas Technology Corp 7721 Datasheet HTML 477Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 473 / 577 page
background image
APPENDIX
Appendix 3. Control registers
7721 Group User’s Manual
17–10
Port Pi register
Bit
Bit name
Functions
0
1
2
3
4
5
6
7
Port Pi0’s pin
Port Pi2’s pin
Port Pi3’s pin
Port Pi4’s pin
Port Pi6’s pin
Data is input from or output to a pin
by reading from or writing to the
corresponding bit.
Port Pi5’s pin
Port Pi register (i = 4 to 10)
(Addresses A16, B16, E16, F16, 1216, 1316, 1616)
b1
b0
b2
b3
b4
b5
b6
b7
Port Pi1’s pin
Port Pi7’s pin
At reset
RW
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
0 : “L” level
1 : “H” level
RW
RW
RW
RW
RW
RW
RW
RW
Note: For bits 0 to 2 of the port P4 register, nothing is assigned and these bits are fixed to “0” at reading.
Port Pi direction register
Bit
Bit name
Functions
0
1
2
3
4
5
6
7
Port Pi0 direction bit
Port Pi2 direction bit
Port Pi3 direction bit
Port Pi4 direction bit
Port Pi6 direction bit
0 : Input mode
(The port functions as an input port)
1 : Output mode
(The port functions as an output port)
Port Pi5 direction bit
Port Pi direction register (i = 4 to 10)
(Addresses C16, D16, 1016, 1116, 1416, 1516, 1816)
b1
b0
b2
b3
b4
b5
b6
b7
Port Pi1 direction bit
Port Pi7 direction bit
At reset
RW
0
0
0
0
0
0
0
0
RW
RW
RW
RW
RW
RW
RW
RW
Note: For bits 0 to 2 of the port P4 direction register, nothing is assigned and these bits are fixed to “0” at
reading.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com