Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 477 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 477 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 473Page - Renesas Technology Corp 7721 Datasheet HTML 474Page - Renesas Technology Corp 7721 Datasheet HTML 475Page - Renesas Technology Corp 7721 Datasheet HTML 476Page - Renesas Technology Corp 7721 Datasheet HTML 477Page - Renesas Technology Corp 7721 Datasheet HTML 478Page - Renesas Technology Corp 7721 Datasheet HTML 479Page - Renesas Technology Corp 7721 Datasheet HTML 480Page - Renesas Technology Corp 7721 Datasheet HTML 481Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 477 / 577 page
background image
APPENDIX
Appendix 3. Control registers
7721 Group User’s Manual
17–14
UARTi transmit buffer register
UARTi transmit/receive control register 0
b7
b0
Bit
8 to 0
At reset
Undefined
RW
Functions
WO
b7
b0
(b15)
(b8)
15 to 9
–
Undefined
UART0 transmit buffer register (Addresses 3316, 3216)
UART1 transmit buffer register (Addresses 3B16, 3A16)
Nothing is assigned.
Transmit data is set.
Note: Use the LDM or STA instruction for writing to this register.
CTS/RTS select bit
Bit
1
BRG count source select bits
Bit name
At reset
RW
Functions
b7
b6
b5
b4
b3
b2
b1
b0
0 0 : f2
0 1 : f16
1 0 : f64
1 1 : f512
UART0 transmit/receive control register 0 (Address 3416)
UART1 transmit/receive control register 0 (Address 3C16)
b1 b0
0 : CTS function selected
1 : RTS function selected
Transmit register empty flag
0 : Data present in transmit register
(During transmission)
1 : No data present in transmit register
(Transmission completed)
1
0
0
0
0
2
RW
RW
RO
3
RW
7 to 4
Nothing is assigned.
Undefined
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com