Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 480 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 480 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 476Page - Renesas Technology Corp 7721 Datasheet HTML 477Page - Renesas Technology Corp 7721 Datasheet HTML 478Page - Renesas Technology Corp 7721 Datasheet HTML 479Page - Renesas Technology Corp 7721 Datasheet HTML 480Page - Renesas Technology Corp 7721 Datasheet HTML 481Page - Renesas Technology Corp 7721 Datasheet HTML 482Page - Renesas Technology Corp 7721 Datasheet HTML 483Page - Renesas Technology Corp 7721 Datasheet HTML 484Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 480 / 577 page
background image
APPENDIX
Appendix 3. Control registers
7721 Group User’s Manual
17–17
Up-down register
Bit
Bit name
At reset
0
0
0
0
0
RW
Functions
b7
b6
b5
b4
b3
b2
b1
b0
Up-down register (Address 4416)
0
0
0
Timer A4 up-down bit
Timer A3 up-down bit
Timer A2 up-down bit
Fix these bits to “0.”
Timer A2 two-phase pulse signal
processing select bit
(Note)
Timer A3 two-phase pulse signal
processing select bit
(Note)
Timer A4 two-phase pulse signal
processing select bit
(Note)
0 : Countdown
1 : Countup
This function is valid when the contents of
the up-down register is selected as the up-
down switching factor.
0 : Two-phase pulse signal
processing function disabled
1 : Two-phase pulse signal
processing function enabled
When not using the two-phase pulse
signal processing function, set the bit
to “0.”
The value is “0” at reading.
Note: Use the LDM or STA instruction for writing to bits 5 to 7.
0
1
2
3
4
5
6
7
RW
RW
RW
RW
RW
WO
WO
WO
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com