Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 482 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 482 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 478Page - Renesas Technology Corp 7721 Datasheet HTML 479Page - Renesas Technology Corp 7721 Datasheet HTML 480Page - Renesas Technology Corp 7721 Datasheet HTML 481Page - Renesas Technology Corp 7721 Datasheet HTML 482Page - Renesas Technology Corp 7721 Datasheet HTML 483Page - Renesas Technology Corp 7721 Datasheet HTML 484Page - Renesas Technology Corp 7721 Datasheet HTML 485Page - Renesas Technology Corp 7721 Datasheet HTML 486Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 482 / 577 page
background image
APPENDIX
Appendix 3. Control registers
7721 Group User’s Manual
17–19
Timer Mode
b7
b0
b7
b0
(b15)
(b8)
Timer A0 register (Addresses 4716, 4616)
Timer A1 register (Addresses 4916, 4816)
Timer A2 register (Addresses 4B16, 4A16)
Timer A3 register (Addresses 4D16, 4C16)
Timer A4 register (Addresses 4F16, 4E16)
Functions
Bit
At reset
RW
15 to 0 These bits can be set to “000016” to “FFFF16.”
Assuming that the set value = n, the counter
divides the count source frequency by (n + 1).
When reading, the register indicates the
counter value.
Undefined
RW
Gate function select bits
Pulse output function select bit
1
Operating mode select bits
Bit name
Functions
b7 b6
b5
b4 b3 b2
b1 b0
Timer Aj mode register (j = 2 to 4) (Addresses 5816 to 5A16)
0 0 : Timer mode
0 : No pulse output
(TAjOUT pin functions as a programmable
I/O port.)
1 : Pulse output
(TAjOUT pin functions as a pulse output
pin.)
0 0 : f2
0 1 : f16
1 0 : f64
1 1 : f512
b7 b6
Count source select bits
b1 b0
b4 b3
0
0
0 0 : No gate function
0 1 :
(TAjIN pin functions as a prog-
rammable I/O port.)
1 0 : Counter counts only while TAjIN
pin’s input signal is at “L” level.
1 1 : Counter counts only while TAjIN
pin’s input signal is at “H” level.
Bit
4
At reset
RW
0
2
0
RW
0
RW
0
RW
3
0
RW
0
RW
5
0
RW
6
7
0
RW
0
RW
0
Fix this bit to “0” in timer mode.
Bit
5
4
3
1
Bit name
At reset
0
0
0
0
0
0
RW
Functions
b7
b6
b5
b4
b3
b2
b1
b0
Timer A0 mode register (Address 5616)
Timer A1 mode register (Address 5716)
Fix these bits to “0.”
2
0
RW
RW
RW
RW
RW
RW
Note: Read from or write to this register in a unit of 16 bits.
00 00 0 0
0 0 : f2
0 1 : f16
1 0 : f64
1 1 : f512
b7 b6
Count source select bits
6
7
0
RW
0
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com