Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 485 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 485 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 481Page - Renesas Technology Corp 7721 Datasheet HTML 482Page - Renesas Technology Corp 7721 Datasheet HTML 483Page - Renesas Technology Corp 7721 Datasheet HTML 484Page - Renesas Technology Corp 7721 Datasheet HTML 485Page - Renesas Technology Corp 7721 Datasheet HTML 486Page - Renesas Technology Corp 7721 Datasheet HTML 487Page - Renesas Technology Corp 7721 Datasheet HTML 488Page - Renesas Technology Corp 7721 Datasheet HTML 489Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 485 / 577 page
background image
APPENDIX
Appendix 3. Control registers
7721 Group User’s Manual
17–22
Pulse width modulation (PWM) mode
b7
b0
b7
b0
Timer A2 register (Addresses 4B16, 4A16)
Timer A3 register (Addresses 4D16, 4C16)
Timer A4 register (Addresses 4F16, 4E16)
Functions
Bit
At reset
RW
15 to 0 These bits can be set to “000016” to “FFFE16.”
Assuming that the set value = n, the “H” level
width of the PWM pulse output from the
TAjOUT pin is expressed as follows:
(PWM pulse period =
)
Undefined
<When operating as a 16-bit pulse width modulator>
(b15)
(b8)
WO
n
fi
fi: Frequency of count source (f2, f16, f64, or f512)
<When operating as an 8-bit pulse width modulator>
(b15)
b7
b0
b7
b0
(b8)
Timer A2 register (Addresses 4B16, 4A16)
Timer A3 register (Addresses 4D16, 4C16)
Timer A4 register (Addresses 4F16, 4E16)
Functions
Bit
At reset
RW
7 to 0
15 to 8
Undefined
Undefined
These bits can be set to “0016” to “FF16.”
Assuming that the set value = m, PWM
pulse’s period output from the TAjOUT pin is
expressed as follows:
(m + 1)(28 – 1)
fi
WO
These bits can be set to “0016” to “FE16.”
Assuming that the set value = n, the “H” level
width of the PWM pulse output from the
TAjOUT pin is expressed as follows:
n(m + 1)
fi
WO
fi: Frequency of count source (f2, f16, f64, or f512)
b7
b6
b5
b4
b3
b2
b1
b0
Timer Aj mode register (j = 2 to 4) (Addresses 5816 to 5A16)
7
0 0 : f2
0 1 : f16
1 0 : f64
1 1 : f512
b7 b6
Count source select bits
11
1
At reset
0
RW
Trigger select bits
Fix this bit to “1” in PWM mode.
1
Operating mode select bits
Functions
1 1 : PWM mode
b1 b0
b4 b3
16/8-bit PWM mode select bit
0 0 :
Writing “1” to count start register
0 1 : (TAj IN pin functions as a pro-
grammable I/O port.)
1 0 : Falling edge of TAjIN pin’s input signal
1 1 : Rising edge of TAjIN pin’s input signal
0 : 16-bit pulse width modulator
1 : 8-bit pulse width modulator
4
0
2
3
5
6
0
0
0
0
0
0
0
RW
RW
RW
RW
RW
RW
RW
RW
Note: Use the LDM or STA instruction for writing to this register.
Read from or write to this register in a unit of 16 bits.
Note: Use the LDM or STA instruction for writing to this register.
Read from or write to this register in a unit of 16 bits.
n16 – 1
fi
Bit
Bit name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com